PART |
Description |
Maker |
KF-0699C-20 |
Operating Voltage = 250/480 Vac 3 PH Delta Operating Current Max= 20 amps
|
JMK Inc.
|
MM-1315-125 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
FF-1585-40 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
KK-902-30 |
Operating Voltage = 240/480 V~ Operating Current = 20 A, 30 A / Phase
|
JMK Inc.
|
HH-1199-6C |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
FF-1319-13 |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
AA-0221-20 |
Operating voltage = 115/250 Vac Operating current = 20 Amp
|
JMK Inc.
|
EF-0720-8 |
Operating Voltage = 115/250 V~ Operating Current = 8 Amps
|
JMK Inc.
|
MM-0637A-50D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|
KK-1222-32 |
Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
|
JMK Inc.
|